Part Number Hot Search : 
HER152 P1022 N5392 H1199NLT 020122MR T74LS 0N50Q 100R4H7B
Product Description
Full Text Search
 

To Download P6SMBJ36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Avalanche Diodes
600W Surface Mount Transient Voltage Suppressors
P6SMBJ Series
Protect sensitive electronics against voltage transients induced by inductive load switching and lightning. Ideal for the protection of I/O interfaces, Vcc bus and other integrated circuits.
(R)
FEATURES
* Stand-off voltage range 5.5 to 185 Volts * Uni-directional and Bi-directional * Glass passivated junction * Jedec package designed to meet SM assembly needs * Low lead inductance * 100% surge tested * UL recognised
MAXIMUM RATING
* Peak Pulse Power (Ppk) 600 Watts (10 x 1000s)@25C
(see diagram on page 3 for wave form)
* 1.5 watt steady state * Response time: 1 x 10-12 secs (theoretical) * Forward surge rating: 100A, 8.3 ms single half sine-wave
(uni-directional only)
* Operating & storage temp.: -55C to +150C
MECHANICAL CHARACTERISTICS
* Case: DO-214AA moulded plastic over glass
passivated junction UL94V(O) (Thermoset) Epoxy
* Terminals: Solder plated solderable per MIL-STD-750
Method 2026
* Solderable leads: 230C for 10 seconds. * Marking: cathode band (positive terminal, uni-directional
devices only), device code, logo
* Weight: 0.093 gram (approx).
2.16
2.74
2.16
Agency Approvals: Recognized under the Components Program of Underwriters Laboratories. Agency File Number: E128662
2.26
Solder Pads
ORDERING INFORMATION
All dimensions in mm
P6SMBJ CA
Voltage Bi-Directional 5% Voltage Tolerance
272
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
600W Surface Mount Transient Voltage Suppressors
P6SMBJ Series
(R)
6
10000
SILICON DIODE ARRAYS
1000 Picofarads 100
@ Stand-off Voltage
10 1 100 1000 10 Device Stand-off Voltage - Volts
Figure 1 - Capacitance
100kw
20kw 5kw 2kw 500w
Pp (kw)
100w 1s 10 s 100 s Pulse Time (tp) 1 ms 10 ms
Figure 2 - Peak Pulse Power vs. Pulse Time
w w w. l i t t e l f u s e . c o m
273
Silicon Avalanche Diodes
600W Surface Mount Transient Voltage Suppressors
P6SMBJ Series
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number Uni-polar Device Code Reverse Standoff Voltage VR (Volts) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 Breakdown Voltage VBR (Volts) @ IT Min 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 Max 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.55 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.0 31.50 36.30 34.70 (mA) 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Maximum Maximum Maximum Reverse Clamping Peak Pulse Forward Leakage Voltage Current Voltage IR @ VR VC @ IPP IPP @ VC (VF) @ IT (A) (Volts) (A) (Volts) 1000.0 (4) 1000.0 (4) 500.0 (4) 500.0 (4) 200.0 (4) 200.0 (4) 50.0 (4) 50.0 (4) 10.0 (4) 10.0 (4) 5.0 (4) 5.0 (4) 5.0 (4) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.1 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 56.0 57.0 51.0 53.0 48.0 50.0 44.0 45.0 40.0 41.0 37.0 38.0 35.0 36.0 32.0 33.0 27.0 28.0 26.0 27.0 23.0 24.0 21.0 22.0 19.0 20.0 17.0 18.0 15.0 16.0 14.0 14.4 12.6 13.2 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5
(R)
P6SMBJ 6V8 / P6SMBJ 6V8C P6SMBJ 6V8A / P6SMBJ 6V8CA P6SMBJ 7V5 / P6SMBJ 7V5C P6SMBJ 7V5A / P6SMBJ 7V5CA P6SMBJ 8V2 / P6SMBJ 8V2C P6SMBJ 8V2A / P6SMBJ 8V2CA P6SMBJ 9V1 / P6SMBJ 9V1C P6SMBJ 9V1A / P6SMBJ 9V1CA P6SMBJ 10 / P6SMBJ 10C P6SMBJ 10A / P6SMBJ 10CA P6SMBJ 11 / P6SMBJ 11C P6SMBJ 11A / P6SMBJ 11CA P6SMBJ 12 / P6SMBJ 12C P6SMBJ 12A / P6SMBJ 12CA P6SMBJ 13 / P6SMBJ 13C P6SMBJ 13A / P6SMBJ 13CA P6SMBJ 15 / P6SMBJ 15C P6SMBJ 15A / P6SMBJ 15CA P6SMBJ 16 / P6SMBJ 16C P6SMBJ 16A / P6SMBJ 16CA P6SMBJ 18 / P6SMBJ 18C P6SMBJ 18A / P6SMBJ 18CA P6SMBJ 20 / P6SMBJ 20C P6SMBJ 20A / P6SMBJ 20CA P6SMBJ 22 / P6SMBJ 22C P6SMBJ 22A / P6SMBJ 22CA P6SMBJ 24 / P6SMBJ 24C P6SMBJ 24A / P6SMBJ 24CA P6SMBJ 27 / P6SMBJ 27C P6SMBJ 27A / P6SMBJ 27CA P6SMBJ 30 / P6SMBJ 30C P6SMBJ 30A / P6SMBJ 30CA P6SMBJ 33 / P6SMBJ 33C P6SMBJ 33A / P6SMBJ 33CA Notes:
6V8 / 6V8C 6V8A /6V8CA 7V5 / 7V5C 7V5A / 7V5CA 8V2 / 8V2C 8V2A / 8V2CA 9V1 / 9V1C 9V1A / 9V1CA 10 / 10C 10A / 10CA 11 / 11C 11A / 11CA 12 / 12C 12A / 12CA 13 / 13C 13A / 13CA 15 / 15C 15A / 15CA 16 / 16C 16A / 16CA 18 / 18C 18A / 18CA 20 / 20C 20A / 20CA 22 / 22C 22A / 22CA 24 / 24C 24A / 24CA 27 / 27C 27A / 27CA 30 / 30C 30A / 30CA 30 / 33C 33A / 33CA
1. BV is measured using a pulse of 20 milliseconds or less. 2. VF, for Uni-directional devices, is measured using a 300 microsecond square wave pulse IF = 50A 3. IR is doubled for Bi-directional devices only with VR equal or less than 10 volts.
274
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
600W Surface Mount Transient Voltage Suppressors
P6SMBJ Series
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number Device Code Reverse Standoff Voltage VR (Volts) 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102.0 105.0 111.0 121.0 128.0 Breakdown Voltage VBR (Volts) @ IT Min 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.40 53.20 55.80 58.90 61.20 64.60 67.50 71.30 73.80 77.90 81.90 86.50 90.00 95.00 99.00 105.00 108.00 114.00 117.00 124.00 135.00 143.00 Max 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.60 58.80 68.20 65.10 74.80 71.40 82.50 78.80 90.20 86.10 100.00 95.50 110.00 105.00 121.00 116.00 132.00 126.00 143.00 137.00 165.00 158.00 (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Maximum Maximum Maximum Reverse Clamping Peak Pulse Forward Leakage Voltage Current Voltage IR @ VR VC @ IPP IPP @ VC (VF) @ IT (A) (Volts) (A) (Volts) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 11.6 12.0 10.5 11.2 9.6 10.1 8.9 9.3 8.2 8.6 7.4 7.8 6.8 7.1 6.1 6.5 5.5 5.8 5.1 5.3 4.5 4.8 4.2 4.4 3.8 4.0 3.5 3.6 3.2 3.3 2.8 2.9 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5
(R)
6
SILICON DIODE ARRAYS
P6SMBJ 36 / P6SMBJ 36C P6SMBJ 36A / P6SMBJ 36CA P6SMBJ 39 / P6SMBJ 39C P6SMBJ 39A / P6SMBJ 39CA P6SMBJ 43 / P6SMBJ 43C P6SMBJ 43A / P6SMBJ 43CA P6SMBJ 47 / P6SMBJ 47C P6SMBJ 47A / P6SMBJ 47CA P6SMBJ 51 / P6SMBJ 51C P6SMBJ 51A / P6SMBJ 51CA P6SMBJ 56 / P6SMBJ 56C P6SMBJ 56A / P6SMBJ 56CA P6SMBJ 62 / P6SMBJ 62C P6SMBJ 62A / P6SMBJ 62CA P6SMBJ 68 / P6SMBJ 68C P6SMBJ 68A / P6SMBJ 68CA P6SMBJ 75/ P6SMBJ 75C P6SMBJ 75A / P6SMBJ 75CA P6SMBJ 82 / P6SMBJ 82C P6SMBJ 82A / P6SMBJ 82CA P6SMBJ 91 / P6SMBJ 91C P6SMBJ 91A / P6SMBJ 91CA P6SMBJ 100 / P6SMBJ 100C P6SMBJ 100A / P6SMBJ 100CA P6SMBJ 110 / P6SMBJ 110C P6SMBJ 110A / P6SMBJ 110CA P6SMBJ 120 / P6SMBJ 120C P6SMBJ 120A / P6SMBJ 120CA P6SMBJ 130 / P6SMBJ 130C P6SMBJ 130A / P6SMBJ 130CA P6SMBJ 150 / P6SMBJ 150C P6SMBJ 150A / P6SMBJ 150CA
36 / 36C 36A / 36CA 39 / 39C 39A / 39CA 43 / 43C 43A / 43CA 47 / 47C 47A / 47CA 51 / 51C 51A / 51CA 56 / 56C 56A / 56CA 62 / 62C 62A / 62CA 68 / 68C 68A / 68CA 75 / 75C 75A / 75CA 82 / 82C 82A / 82CA 91 / 91C 91A / 91CA 100 / 100C 100A / 100CA 110 / 110C 110A / 110CA 120 / 120C 120A / 120CA 130 / 130C 130A / 130CA 150 / 150C 150A / 150CA
Notes: 1. BV is measured using a pulse of 20 milliseconds or less. 2. VF, for Uni-directional devices, is measured using a 300 microsecond square wave pulse IF = 50A. 3. IR is doubled for Bi-directional devices only with VR equal or less than 10 volts.
w w w. l i t t e l f u s e . c o m
275
Silicon Avalanche Diodes
600W Surface Mount Transient Voltage Suppressors
P6SMBJ Series
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number Device Code Reverse Standoff Voltage VR (Volts) 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 175.0 185.0 Breakdown Voltage VBR (Volts) @ IT Min 144.00 152.00 153.00 162.00 162.00 171.00 180.00 190.00 198.00 209.00 Max 176.00 168.00 187.00 179.00 198.00 189.00 220.00 210.00 242.00 231.00 (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Maximum Maximum Maximum Reverse Clamping Peak Pulse Forward Leakage Voltage Current Voltage IR @ VR VC @ IPP IPP @ VC (VF) @ IT (A) (Volts) (A) (Volts) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 2.6 2.7 2.5 2.6 2.3 2.4 2.1 2.2 1.8 1.8 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5 3.5
(R)
P6SMBJ 160 / P6SMBJ 160C P6SMBJ 160A / P6SMBJ 160CA P6SMBJ 170 / P6SMBJ 170C P6SMBJ 170A / P6SMBJ 170CA P6SMBJ 180 / P6SMBJ 180C P6SMBJ 180A / P6SMBJ 180CA P6SMBJ 200 / P6SMBJ 200C P6SMBJ 200A / P6SMBJ 200CA P6SMBJ 220 / P6SMBJ 220C P6SMBJ 220A / P6SMBJ 220CA Notes:
160 / 160C 160A / 160CA 170 / 170C 170A / 170CA 180 / 180C 180A / 180CA 200 / 200C 200A / 200CA 220 / 220C 220A / 220CA
1. BV is measured using a pulse of 20 milliseconds or less. 2. VF, for Uni-directional devices, is measured using a 300 microsecond square wave pulse IF = 50A 3. IR is doubled for Bi-directional devices only with VR equal or less than 10 volts.
276
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of P6SMBJ36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X